|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0190980074 Active KrimptiteTM Snap Spade Terminal, for 10-12 AWG Wire, Stud Size 10 (M5), 19.60mm (.773") Length Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E32244 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19098 Yes N/A KrimptiteTM Spade Snap Physical Barrel Type Insulation Material - Plating Mating Packaging Type Stud Size Wire Size AWG Wire Size mm Closed None Tin Bag 10 (M5) 10, 12 3.30 - 5.00 Material Info Old Part Number C-1719-10 Search Parts in this Series 19098Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640030100 Crimp Head for the 0640070100 AT-200TM Pneumatic Hand Tool Reference - Drawing Numbers Sales Drawing CCD10503 This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of C-1719-10 |